PART |
Description |
Maker |
28C17A-25/K 28C17A-25I/K 28C17AF-25/K 28C17A-20/K |
5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC 12-Bit DACs with 32-Channel Sample-and-Hold Outputs Evaluation Kit/Evaluation System for the MAX5417_, MAX5418_, MAX5419_ 128Kx8 EEPROM 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs 10-Bit Voltage-Output DACs in 8-Pin µMAX Single-Supply 3V/5V, Voltage-Output, Dual, Precision 12-Bit DACs x8的EEPROM
|
STMicroelectronics N.V.
|
1.5KE62 1.5KE30 1.5KE6.8A 1.5KE8.2A 1.5KE9.1A 1.5K |
20-Bit Dual Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-TSSOP -40 to 85 16-Bit Dual-Supply Bus Transceive W/Configurable Voltage Translation and 3-State 48-TSSOP -40 to 85 4-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 16-SOIC -40 to 85 Unidirectional and bidirectional Transient Voltage Suppressor diodes 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 24-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 83-BGA MICROSTAR JUNIOR -40 to 85 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 8-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 24-QFN -40 to 85 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 4-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 16-VQFN -40 to 85 Single-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 6-SOT-23 -40 to 85
|
SEMIKRON INTERNATIONAL
|
FXLA104UMX12 FXLA104UM12X12 FXLA10412 |
Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
|
Fairchild Semiconductor
|
TC7MP3125FTG TC7MP3125FK |
Low Voltage/Low Power 2-Bit 】 2 Dual Supply Bus Transceiver
|
Toshiba Semiconductor
|
TC7MP3125FTG TC7MP3125FK |
Low Voltage/Low Power 2-Bit × 2 Dual Supply Bus Transceiver
|
Toshiba Semiconductor
|
TC7MPN3125FTG |
Low Voltage/Low Power 2-Bit 】 2 Dual Supply Bus Transceiver
|
Toshiba Semiconductor
|
74AVC2T45GN 74AVC2T45DC 74AVC2T45GS |
Dual-bit, dual-supply voltage level translator-transceiver; 3-state 双位双电源电压转换无线电收发器;3 Dual-bit, dual-supply voltage level translator-transceiver; 3-state AVC SERIES, 2-BIT TRANSCEIVER, TRUE OUTPUT, PDSO8
|
NXP Semiconductors N.V.
|
TC7WPB307FC TC7WPB307FK TC7WPB306FC TC7WPB306FK |
CMOS Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
|
Toshiba Semiconductor
|
74ALVC163245 74ALVC163245GX 74ALVC163245T 74ALVC16 |
Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
MAX5234 MAX5234AEUB MAX5234BEUB MAX5234-MAX5235 MA |
Single-Supply 3V/5V / Voltage-Output / Dual / Precision 12-Bit DACs Single-Supply 3V/5V, Voltage-Output, Dual, Precision 12-Bit DACs SERIAL INPUT LOADING, 10 us SETTLING TIME, 12-BIT DAC, PDSO10
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|